Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 129 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 129 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 300 page
background image
DS1085F3
129
CS47L35
4.10 SLIMbus Interface Control
The CS47L35 SLIMbus component must be reset prior to scheduling a hardware reset or power-on reset. This can be
achieved using the RESET_DEVICE message (issued to the CS47L35 interface device), or else using the NEXT_RESET_
BUS message.
Information Management
Messages
0x20
REQUEST_INFORMATION (TID, EC)
D
D
0x21
REQUEST_CLEAR_INFORMATION (TID, EC, CM)
D
D
0x24
REPLY_INFORMATION (TID, IS)
S
S
0x28
CLEAR_INFORMATION (EC, CM)
D
D
0x29
REPORT_INFORMATION (EC, IS)
—
S
Reconfiguration
Messages
0x40
BEGIN_RECONFIGURATION ()
D
D
0x44
NEXT_ACTIVE_FRAMER (LAIF, NCo, NCi)
—
—
0x45
NEXT_SUBFRAME_MODE (SM)
—
D
0x46
NEXT_CLOCK_GEAR (CG)
—
—
0x47
NEXT_ROOT_FREQUENCY (RF)
—
—
0x4A
NEXT_PAUSE_CLOCK (RT)
—
—
0x4B
NEXT_RESET_BUS ()
—
—
0x4C
NEXT_SHUTDOWN_BUS ()
—
—
0x50
NEXT_DEFINE_CHANNEL (CN, TP, SD, SL)
D
—
0x51
NEXT_DEFINE_CONTENT (CN, FL, PR, AF, DT, CL, DL)
D
—
0x54
NEXT_ACTIVATE_CHANNEL (CN)
D
—
0x55
NEXT_DEACTIVATE_CHANNEL (CN)
D
—
0x58
NEXT_REMOVE_CHANNEL (CN)
D
—
0x5F
RECONFIGURE_NOW ()
D
D
Value Management
Messages
0x60
REQUEST_VALUE (TID, EC)
—
D
0x61
REQUEST_CHANGE_VALUE (TID, EC, VU)
—
—
0x64
REPLY_VALUE (TID, VS)
—
S
0x68
CHANGE_VALUE (EC, VU)
—
D
Notes:
• S = Supported as a source device only.
• D = Supported as a destination device only.
Table 4-52. SLIMbus Parameter Support
Parameter Code
Description
Comments
AF
Auxiliary Bits Format
—
CG
Clock Gear
—
CL
Channel Link
—
CM
Clear Mask
CS47L35 does not fully support this function. The CM bytes of the REQUEST_
CLEAR_INFORMATION or CLEAR_INFORMATION messages must not be
sent to CS47L35 Devices. When either of these messages is received, all bits
within the specified Information Slice are cleared.
CN
Channel Number
—
DC
Device Class
—
DCV
Device Class Variation
—
DL
Data Length
—
DT
Data Type
CS47L35 supports the following DT codes:
0x0 = Not indicated
0x1 = LPCM audio
Note that 2’s complement PCM can be supported with DT = 0x0.
EC
Element Code
—
FL
Frequency Locked
—
IS
Information Slice
—
LA
Logical Address
—
LAIF
Logical Address, Incoming Framer
—
NCi
Number of Incoming Framer Clock Cycles —
NCo
Number of Outgoing Framer Clock Cycles —
PN
Port Number
Note that the Port Numbers of the CS47L35 SLIMbus paths are
register-configurable, as described in Table 4-53.
Table 4-51. SLIMbus Message Support (Cont.)
Category
Message Code MC[6:0]
Description
Generic Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com