Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 133 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 133 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 300 page
background image
DS1085F3
133
CS47L35
4.10 SLIMbus Interface Control
Register read operations are implemented using the CHANGE_VALUE and REQUEST_VALUE messages. A maximum
of two messages may be required, depending on circumstances: the CHANGE_VALUE message selects the register page
(bits [23:8] of the control register address); the REQUEST_VALUE message contains bits [7:0] of the register address.
The first message may be omitted if the register page is unchanged from the previous read or write operation.
The required SLIMbus parameters are described in Table 4-59 and Table 4-60, for the generic case of reading the
contents of control register address 0xYYYYZZ.
The CS47L35 SLIMbus interface supports register read operations of 2 bytes (i.e., one 16-bit data word) only. Register
addresses from R12288 (0x3000) upwards are formatted as 32-bit words; when reading from these addresses, the 2-byte
data slice represents the 2 lower bytes of the selected 32-bit word. The 2 upper bytes of the respective register can be
accessed by adding ‘2’ to the Byte Address value described in Table 4-60.
Note: The first message may be omitted if its contents are unchanged from the previous CHANGE_VALUE message
sent to the CS47L35.
The CS47L35 responds to the register read commands in accordance with the normal SLIMbus protocols.
Note that the CS47L35 assumes that sufficient control space slots are available in which to provide its response before
the next REQUEST_VALUE message is received. The CS47L35 response is made using a REPLY_VALUE message; the
SLIMbus manager should wait until the REPLY_VALUE message has been received before sending the next REQUEST_
VALUE message. If additional REQUEST_VALUE messages are received before the CS47L35 response has been made,
the earlier REQUEST_VALUE messages are ignored (i.e., only the last REQUEST_VALUE message is serviced).
4.10.7 SLIMbus Clocking Control
The clock frequency of the SLIMbus interface is not fixed, and may be set according to the application requirements. The
clock frequency can be reconfigured dynamically as required.
The CS47L35 SLIMbus interface does not include a framer device. Accordingly, the SLIMCLK pin is always an input pin
on the CS47L35. The framer function can be transferred from one device to another; this is known as framer handover,
and is controlled by the manager device.
The supported root frequencies are as defined in the MIPI Alliance specification for SLIMbus.
Table 4-59. Register Read Message (1)—CHANGE_VALUE
Parameter
Value
Description
Source Address
0xSS
SS is the 8-bit logical address of the message source. This could be any active device on the bus, but is
typically the manager device (0xFF).
Destination Address 0xLL
LL is the 8-bit logical address of the message destination (i.e., the CS47L35 SLIMbus interface device). The
value is assigned by the SLIMbus manager device.
Access Mode
0b1
Selects byte-based access mode.
Byte Address
0x800
Identifies the user value element for selecting the control register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY YYYY is bits [23:8] of the applicable control register address.
Table 4-60. Register Read Message (2)—REQUEST_VALUE
Parameter
Value
Description
Source Address
0xSS
SS is the 8-bit logical address of the message source. This could be any active device on the bus, but is typically
the manager device (0xFF).
Destination Address 0xLL
LL is the 8-bit logical address of the message destination (i.e., the CS47L35 SLIMbus interface device). The
value is assigned by the SLIMbus manager device.
Access Mode
0b1
Selects byte-based access mode.
Byte Address
0xUUU Specifies the value map address, calculated as
0xA00 + (2 x 0xZZ), where ZZ is bits [7:0] of the applicable control register address.
Slice Size
0b001
Selects 2-byte slice size
Transaction ID
0xTTTT TTTT is the 16-bit transaction ID for the message. The value is assigned by the SLIMbus manager device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com