Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 137 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 137 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 300 page
background image
DS1085F3
137
CS47L35
4.11 Output Signal Path
4.11.1 Output Signal Path Enable
The output signal paths are enabled using the bits described in Table 4-64. The respective bits must be enabled for analog
or digital output on the respective output paths.
The OUT1 path is associated with the headphone and the earpiece output drivers. The HP1L_ENA and HP1R_ENA bits
control either the HPOUT or EPOUT drivers, depending on the EP_SEL register bit selection. See Table 4-66 for details
of the EP_SEL register.
The output signal paths are muted by default. It is recommended that deselecting the mute should be the final step of the
path enable control sequence. Similarly, the mute should be selected as the first step of the path disable control sequence.
The output signal path mute functions are controlled using the bits described in Table 4-64.
The supply rails for the OUT1 outputs (HPOUT and EPOUT) are generated using an integrated dual-mode charge pump,
CP1. The charge pump is enabled automatically by the CS47L35 when required by the output drivers; see Section 4.19.
The CS47L35 schedules a pop-suppressed control sequence to enable or disable the OUT1 and OUT4L signal paths.
This is automatically managed by the control-write sequencer in response to setting the respective HPnx_ENA or
SPKOUTL_ENA bits; see Section 4.18 for further details.
The output signal path enable/disable control sequences are inputs to the interrupt circuit and can be used to trigger an
interrupt event when a sequence completes; see Section 4.15.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The output signal paths
should be kept disabled (HP1x_ENA = 0, SPKOUTL_ENA = 0, OUT5x_ENA = 0) if SYSCLK is not enabled. See
Section 4.16 for details of the system clocks (including requirements for reconfiguring SYSCLK while audio paths are
enabled).
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output
signal paths and associated DACs. If the frequency is too low, an attempt to enable an output signal path fails. Note that
active signal paths are not affected under such circumstances.
The status bits in Register R1025 and R1030 indicate the status of each of the output signal paths. If an underclocked
error condition occurs, these bits indicate which signal paths have been enabled.
Table 4-64. Output Signal Path Enable
Register Address
Bit
Label
Default
Description
R1024 (0x0400)
Output_Enables_1
9 OUT5L_ENA
0
Output Path 5 (left) enable
0 = Disabled
1 = Enabled
8 OUT5R_ENA
0
Output Path 5 (right) enable
0 = Disabled
1 = Enabled
7 SPKOUTL_ENA
0
Output Path 4 (left) enable
0 = Disabled
1 = Enabled
1 HP1L_ENA
0
Output Path 1 (left) enable
When EP_SEL = 0, this bit controls the HPOUTL output driver.
When EP_SEL = 1, this bit controls the EPOUTP output driver.
0 = Disabled
1 = Enabled
0 HP1R_ENA
0
Output Path 1 (right) enable
When EP_SEL = 0, this bit controls the HPOUTR output driver.
When EP_SEL = 1, this bit controls the EPOUTN output driver.
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com