Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 130 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 130 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 300 page
background image
130
DS1085F3
CS47L35
4.10 SLIMbus Interface Control
4.10.3 SLIMbus Port Number Control
The CS47L35 SLIMbus interface supports up to six input (RX) channels and up to six output (TX) channels. The SLIMbus
port numbers for these audio channels are configurable using the fields described in Table 4-53.
4.10.4 SLIMbus Sample-Rate Control
The SLIMbus RX inputs may be selected as input to the digital mixers or signal-processing functions within the CS47L35
digital core. The SLIMbus TX outputs are derived from the respective output mixers.
The sample rate for each SLIMbus channel is configured using SLIMRXn_RATE and SLIMTXn_RATE—see Table 4-21
within the Digital Core section.
Sample-rate conversion is required when routing the SLIMbus paths to any signal chain that is configured for a different
sample rate.
4.10.5 SLIMbus Signal Path Enable
The SLIMbus interface supports up to six input (RX) channels and up to six output (TX) channels. Each of these channels
can be enabled or disabled using the fields defined in Table 4-54.
PR
Presence Rate
Note that the Presence Rate must be the same as the sample rate selected for
the associated CS47L35 SLIMbus path.
RF
Root Frequency
—
RT
Restart Time
CS47L35 supports the following RT codes:
0x0 = Fast Recovery
0x2 = Unspecified Delay
When either of these values is specified, the CS47L35 resumes toggling the
CLK line within four cycles of the CLK line frequency.
SD
Segment Distribution
Note that any data channels that are assigned the same SAMPLE_RATE_n
value must also be assigned the same Segment Interval.
SL
Segment Length
—
SM
Subframe Mode
—
TID
Transaction ID
—
TP
Transport Protocol
CS47L35 supports the following TP codes for TX channels:
0x0 = Isochronous Protocol
0x1 = Pushed Protocol
CS47L35 supports the following TP codes for RX channels:
0x0 = Isochronous Protocol
0x2 = Pulled Protocol
VS
Value Slice
—
VU
Value Update
—
Table 4-53. SLIMbus Port Number Control
Register Address
Bit
Label
Default
Description
R1490 (0x05D2)
SLIMbus_RX_Ports0
13:8
SLIMRX2_PORT_ADDR[5:0]
1
SLIMbus RX Channel n Port number
Valid from 0–31
5:0
SLIMRX1_PORT_ADDR[5:0]
0
R1491 (0x05D3)
SLIMbus_RX_Ports1
13:8
SLIMRX4_PORT_ADDR[5:0]
3
5:0
SLIMRX3_PORT_ADDR[5:0]
2
R1492 (0x05D4)
SLIMbus_RX_Ports2
13:8
SLIMRX6_PORT_ADDR[5:0]
5
5:0
SLIMRX5_PORT_ADDR[5:0]
4
R1494 (0x05D6)
SLIMbus_TX_Ports0
13:8
SLIMTX2_PORT_ADDR[5:0]
9
SLIMbus TX Channel n Port number
Valid from 0–31
5:0
SLIMTX1_PORT_ADDR[5:0]
8
R1495 (0x05D7)
SLIMbus_TX_Ports1
13:8
SLIMTX4_PORT_ADDR[5:0]
11
5:0
SLIMTX3_PORT_ADDR[5:0]
10
R1496 (0x05D8)
SLIMbus_TX_Ports2
13:8
SLIMTX6_PORT_ADDR[5:0]
13
5:0
SLIMTX5_PORT_ADDR[5:0]
12
Table 4-52. SLIMbus Parameter Support (Cont.)
Parameter Code
Description
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com