Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 109 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 109 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 105Page - Cirrus Logic CS47L35 Datasheet HTML 106Page - Cirrus Logic CS47L35 Datasheet HTML 107Page - Cirrus Logic CS47L35 Datasheet HTML 108Page - Cirrus Logic CS47L35 Datasheet HTML 109Page - Cirrus Logic CS47L35 Datasheet HTML 110Page - Cirrus Logic CS47L35 Datasheet HTML 111Page - Cirrus Logic CS47L35 Datasheet HTML 112Page - Cirrus Logic CS47L35 Datasheet HTML 113Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 300 page
background image
DS1085F3
109
CS47L35
4.6 Digital Audio Interface
4.6.1
Master and Slave Mode Operation
The CS47L35 digital audio interfaces can operate as a master or slave, as shown in Fig. 4-35 and Fig. 4-36. The
associated control bits are described in Section 4.7.
4.6.2
Audio Data Formats
The CS47L35 digital audio interfaces can be configured to operate in I2S, left-justified, DSP-A, or DSP-B interface modes.
Note that left-justified and DSP-B modes are valid in Master Mode only (i.e., BCLK and LRCLK are outputs from the
CS47L35).
The digital audio interfaces also provide flexibility to support multiple slots of audio data within each LRCLK frame. This
flexibility allows multiple audio channels to be supported within a single LRCLK frame.
The data formats described in this section are generic descriptions, assuming only one stereo pair of audio samples per
LRCLK frame. In these cases, the AIF is configured to transmit (or receive) in the first available position in each frame (i.e.,
the Slot 0 position).
The options for multichannel operation are described in Section 4.6.3.
The audio data modes supported by the CS47L35 are described as follows. Note that the BCLK and LRCLK signals are
configurable—the polarity of these signals can be inverted if required, and the timing of the LRCLK transition can also be
adjusted. The following descriptions all assume the default configuration (noninverted polarity, normal timing) of these
signals.
• In DSP modes, the left channel MSB is available on either the first (Mode B) or second (Mode A) rising edge of
BCLK following a rising edge of LRCLK. Right-channel data immediately follows left channel data. Depending on
word length, BCLK frequency, and sample rate, there may be unused BCLK cycles between the LSB of the right
channel data and the next sample.
In Master Mode, the LRCLK output resembles the frame pulse shown in Fig. 4-37 and Fig. 4-38. In Slave Mode, it
is possible to use any length of frame pulse less than 1/Fs, providing the falling edge of the frame pulse occurs at
least one BCLK period before the rising edge of the next frame pulse.
PCM operation is supported in DSP interface mode. CS47L35 data that is output on the left channel is read as mono
data by the receiving equipment. Mono PCM data received by the CS47L35 is treated as left-channel data. This
may be routed to the left/right playback paths using the control fields described in Section 4.3.
Figure 4-35. Master Mode
Figure 4-36. Slave Mode
TXDAT
LRCLK
RXDAT
BCLK
Processor
CS47L35
TXDAT
LRCLK
RXDAT
BCLK
Processor
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com