Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
S5320 – PCI Match Maker
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
13
Data Sheet
LIST OF TABLES
Table 1. PCI Bus Address and Data Signal ........................................................................................................... 21
Table 2. PCI Bus System Signals .......................................................................................................................... 22
Table 3. PCI Bus Data Transfer Control Signals ................................................................................................... 22
Table 4. PCI Bus Error Reporting Signals ............................................................................................................. 22
Table 5. Serial nvRAM Interface Signals ............................................................................................................... 23
Table 6. Direct Mailbox Access Signals ................................................................................................................. 23
Table 7. Pass-Thru Data Channel Pins ................................................................................................................. 24
Table 8. S5320 Add-On Bus Register Access Pins ............................................................................................... 25
Table 9. Add-On Bus General Pins ........................................................................................................................ 26
Table 10. Configuration Registers ......................................................................................................................... 27
Table 11. Defined Base Class Codes .................................................................................................................... 37
Table 12. Base Class Code 00h: Early, Pre-2.0 Specification Devices ................................................................. 37
Table 13. Base Class Code 01h: Mass Storage Controllers .................................................................................. 37
Table 14. Base Class Code 02h: Network Controllers ........................................................................................... 37
Table 15. Base Class Code 03h: Display Controllers ............................................................................................ 38
Table 16. Base Class Code 04h: Multimedia Devices ........................................................................................... 38
Table 17. Base Class Code 05h: Memory Controllers ........................................................................................... 38
Table 18. Base Class Code 06h: Bridge Devices .................................................................................................. 39
Table 19. Base Class Code 07h: Simple Communications Controllers ................................................................. 39
Table 20. Base Class Code 08h: Base System Peripherals .................................................................................. 39
Table 21. Base Class Code 09h: Input Devices .................................................................................................... 40
Table 22. Base Class Code 0Ah: Docking Stations ............................................................................................... 40
Table 23. Base Class Code 0Bh: Processors ........................................................................................................ 40
Table 24. Base Class Code 0Ch: Serial Bus Controllers ....................................................................................... 40
Table 25. Base Address Register Response (Memory Assigned) to All-Ones Write Operation ............................ 48
Table 26. Read Response (I/O Assigned) to an All-Ones Write Operation to a Base Address Register ............... 49
Table 27. Read Response to Expansion ROM Base Address Register (after all ones written) ............................. 53
Table 28. Operation Registers - PCI Bus ............................................................................................................... 59
Table 29. Mailbox Empty/Full Status Register ....................................................................................................... 62
Table 30. Interrupt Control Status Register ........................................................................................................... 64
Table 31. Reset Control Register ........................................................................................................................... 66
Table 32. Pass-Thru Configuration Register .......................................................................................................... 68
Table 33. Operation Registers - Add-On Interface ................................................................................................ 69
Table 34. Mailbox Empty/Full Status Register ....................................................................................................... 72
Table 35. Interrupt Control Status Register ........................................................................................................... 74
Table 36. Reset General Control/Status Register .................................................................................................. 76
Table 37. Pass-thru Configuration Register ........................................................................................................... 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com