Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 44 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 44 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 48Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
44
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Built-In Self-Test Register (BIST)
The Built-In Self-Test (BIST) Register permits the
implementation of custom, user-specific diagnostics.
This register has four fields shown in Figure 15. Bit 7
defines S5320's support of a built-in self test. When bit
7 is set, writing a 1 to bit 6 produce an interrupt signal
on the Add-On bus. Bit 6 remains set until cleared by a
write operation to this register from the Add-On bus
interface. When bit 6 is reset, it is interpreted as com-
pletion of the self-test and an error is indicated by a
non-zero value for the completion code (bits 3:0).
Figure 15. Built-In Self-Test Register
Register Name:
Built-in Self-Test Address Offset 0Fh
Power-up value:
00h
Boot-load:
External nvRAM/EPROM offset
04Fh
Attribute:
D7, D5-0 Read Only, D6 as PCI bus
write only
Size:
8 bits
Bit
Description
7
BIST Capable. This bit indicates the Add-On device supports a built-in self-test when a 1 is returned. A 0 should
be returned if this self-test feature is not required. This field is read only from the PCI interface.
6
Start BIST. Writing a 1 to this bit indicates that the self-test should start. This bit can only be written if bit 7 is one.
When bit 6 is set, an interrupt is issued to the Add-On interface. Other than through a reset, Bit 6 can only be
cleared by a write to this element from the Add-On bus interface. The PCI bus specification requires that this bit
be cleared within 2 seconds after being set, or the device will be failed. This bit is read/write set (R/WS).
5:4
Reserved. These bits are reserved and are hardwired to 0.
3:0
Completion Code. This field provides a method for detailing a device-specific error. It is considered valid when
the start BIST (bit 6) changes from 1 to 0. An all-zero value for the completion code indicates successful com-
pletion.
X
0
Completion Code (RO)
Reserved (RO)
Start BIST (R/WS)
BIST Capable (RO)
0
00
X
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com