Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
48
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
1. The two most significant bits define bus width for BADR1:4 in Pass-Thru operation. (See S5320 Base Address Register Definition.)
2. Bits D3, D2 and D1 may be set to indicate other attributes for the memory space.
Table 25. Base Address Register Response (Memory Assigned) to All-Ones Write Operation
Response
Size in Bytes
nvRAM boot value1
00000000h
none - disabled
00000000h or BIOS missing2
FFFFFFF0h
16 bytes (4 DWORDs)
FFFFFFF0h
FFFFFFE0h
32 bytes (8 DWORDs)
FFFFFFE0h
FFFFFFC0h
64 bytes (16 DWORDs)
FFFFFFC0h
FFFFFF80h
128 bytes (32 DWORDs)
FFFFFF80h
FFFFFF00h
256 bytes (64 DWORDs)
FFFFFF00h
FFFFFE00h
512 bytes (128 DWORDs)
FFFFFE00h
FFFFFC00h
1K bytes (256 DWORDs)
FFFFFC00h
FFFFF800h
2K bytes (512 DWORDs)
FFFFF800h
FFFFF000h
4K bytes (1K DWORDs)
FFFFF000h
FFFFE000h
8K bytes (2K DWORDs)
FFFFE000h
FFFFC000h
16K bytes (4K DWORDs)
FFFFC000h
FFFF8000h
32K bytes (8K DWORDs)
FFFF8000h
FFFF0000h
64K bytes (16K DWORDs)
FFFF0000h
FFFE0000h
128K bytes (32K DWORDs)
FFFE0000h
FFFC0000h
256K bytes (64K DWORDs)
FFFC0000h
FFF80000h
512K bytes (128K DWORDs)
FFF80000h
FFF00000h
1M bytes (256K DWORDs)
FFF00000h
FFE00000h
2M bytes (512K DWORDs)
FFE00000h
FFC00000h
4M bytes (1M DWORDs)
FFC00000h
FF800000h
8M bytes (2M DWORDs)
FF800000h
FF000000h
16M bytes (4M DWORDs)
FF000000h
FE000000h
32M bytes (8M DWORDs)
FE000000h
FC000000h
64M bytes (16M DWORDs)
FC000000h
F8000000h
128M bytes (32M DWORDs)
F8000000h
F0000000h
256M bytes (64M DWORDs)
F0000000h
E0000000h
512M bytes (128M DWORDs)
E0000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com