Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 25 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
S5320 – PCI Match Maker: Signal Description
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
25
Data Sheet
Table 8. S5320 Add-On Bus Register Access Pins
Signal
Type
Description
DQ[31:0]
t/s
Address/Data bus. The 32-bit Add-On data bus. The DQMODE signal configures the bus width for
either 32 or 16 bits. All DQ[31:0] signals have an internal 50k Ohm pull-ups.
ADR[6:2]
in
Address [6:2]. These inputs select which S5320 register is to be read from or written to. To be used
in conjunction with SELECT#, BE[3:0]# and WR# or RD#. The register addresses are as follows:
ADR[6:2]
Register Name
0 0 0 1 1
Add-On Incoming Mailbox Register
0 0 1 1 1
Add-On Outgoing Mailbox Register
0 1 0 1 0
Add-On Pass-Thru Address Register
0 1 0 1 1
Add-On Pass-Thru Data Register
0 1 1 0 1
Add-On Mailbox Status Register
0 1 1 1 0
Add-On Interrupt Control Register
0 1 1 1 1
Add-On Reset ControlRegister
1 0 0 0 0
Pass-Thru/FIFO Configuration Register
Note: ADR[6:2] bits begin at bit position two. All references to an address, in hex, adds bits 0 and 1
as zeros. Example: The Add-On incoming mailbox register is referenced as 0Ch.
BE[2:0]#
in
Byte Enable 2 through 0. Provides individual read/write byte enabling during register read or write
transactions. BE2# enables activity over DQ[23:16], BE1# enables DQ[15:8], and BE0# enables
DQ[7:0]. During read transactions, these pins enable the output driver for each byte lane; for write
transactions, they serve as an input enable to perform the write to each byte lane.
BE3# / ADR1
in
Byte Enable [3] for a 32-bit bus width / Address [1] for a 16-bit bus width. BE3#, enables DQ[31:24]
input drivers for writing data to registers identified by ADR[6:2] and enables DQ[31:24] output driv-
ers to read registers identified by ADR[6:2]. To be used in conjunction with SELECT# and RD# or
WR#. ADR1, selects the upper or lower WORD of a DWORD when a 16-bit-wide bus is selected. 1
= upper, 0 = lower.
SELECT#
in
Select. Enables internal S5320 logic to decode WR#, RD# and ADR[6:2] when reading or writing to
any Add-On register.
WR#
in
Write Enable. Asserting this signal writes DQ bus data byte(s) selected by BE[3:0]# into the S5320
register defined by SELECT# and ADR[6:2].
RD#
in
Read Enable. Asserting this signal drives data byte(s) selected by BE[3:0]# from the S5320 register
defined by SELECT# and ADR[6:2] onto the DQ bus.
DQMODE
in
DQ Mode. Defines the DQ bus width when accessing data using WR#, RD#, SELECT# and
ADR[6:2]#. Low = 32-bit wide DQ bus. High = 16-bit wide DQ bus. When high, the signal BE3# is re-
assigned to the ADR1 signal and only DQ[15:0] is active.
Note: This pin only affects DQ Bus Width for S5320 Data Registers. This pin has no effect on
accesses DQ Bus Width. For the Pass-Thru data register (APTD, ADR = 2Ch). The width of the DQ
bus is determined by the region-size bits in the corresponding Base Address Register. In addition,
DQMODE has no effect when using the direct-access pin PTADR#. When PTADR# is asserted, all
32 bits of the Pass-Thru address are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com