Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
35
Data Sheet
Revision Identification Register (RID)
This register is reserved for AMCC’s S5320 silicon
revision identification number. The register defaults to
that value after power up. Write operations from the
PCI interface have no effect on the register. User-
defined values can be boot-loaded from an optional
external non-volatile. AMCC does not recommend
changing the register value. The Sub-system Vendor
ID and/or Subsystem ID are intended for end user
information.
Figure 10. Revision Identification Register
Register Name:
Revision Identification
Address Offset:
08h
Power-up value:
00h
Boot-load:
External nvRAM/EPROM offset 048h
Attribute:
R/W
Size:
8 Bits
Bit
Description
7:0
Revision Identification Number: Initialized to the S5320 silicon revision.
00h
0
7
Revision Identification Number (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com