Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 31 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
31
Data Sheet
PCI Command Register (PCICMD)
This 16-bit register provides basic control over a
device’s ability to respond to or perform PCI accesses.
This register is defined by the PCI specification and its
implementation is required of all PCI devices. Four of
the ten implemented bits are required by the S5320;
those which are not required are hardwired to 0. The
definitions for all the fields are provided here for
completeness.
Figure 8. PCI Command Register
Register Name:
PCI Command
Address Offset:
04h-05h
Power-up value:
0000h
Boot-load:
not used
Attribute:
Read/Write (R/W on 4 bits, R/O for
all others)
Size:
16 bits
X
X
0
0
0
0
X
0
X
0
Reserved = 00
0
1
2
3
4
5
6
7
8
9
15
Fast Back-to-Back
SERR# Enable
Wait Cycle Enable
PERR# Enable
Palette Snoop Enable
Memory Write and Invalidate Enable
Special Cycle Enable
Bus Master Enable
Memory Access Enable
I/O Access Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com