Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 93 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 93 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 89Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
93
Data Sheet
PCI READ TRANSFERS
The S5320 responds to PCI bus memory or I/O read
transfers when it is selected as a target.
PCI targets may drive DEVSEL# and TRDY# after the
end of the address phase. TRDY# is not driven until
the target can provide valid data for the PCI read.
Read accesses from the S5320 operation registers
are shown in Figure 44. The S5320 conditionally
asserts STOP# in clock period 3 if the initiator keeps
FRAME# asserted during clock period 2 with IRDY#
asserted (indicating a burst is being attempted). Wait
states may be added by the initiator by not asserting
the signal IRDY# during clock 3 and beyond. If
FRAM E# rem a ins asser t ed, b u t IRDY# is no t
asserted, the initiator is just adding wait states, not
necessarily attempting a burst.
Figure 44. Single Data Phase PCI Bus Read of S5320
Registers or Expansion ROM
There are only two conditions where accesses to the
S5320 do not return TRDY#, but assert STOP#
instead. This condition is called a target-initiated termi-
nation or target disconnect. This can occur when a
read attempt is made to an empty Pass-Thru FIFO.
The second condition may occur when read accesses
to the expansion ROM generate a retry if the nvRAM
interface has not finished reading 4 bytes.
When burst read transfers are attempted to the S5320
operation registers, configuration registers or expan-
sion ROM, STOP# is asserted during the first data
transfer to indicate to the initiator that no further trans-
fers (data phases) are possible. This is a target-
initiated termination where the target disconnects after
the first data phase. Figure 45 shows the signal rela-
tionships during a burst read attempt to the S5320
operation registers.
For 32-bit configuration, it is recommended that the
read operation should be performed in the DWORD
boundary with the offset address increment by 4 bytes.
The starting DWORD read address should be 0, 4, 8,
C, . . .
Similarly with 16-bit configuration, the starting
read WORD boundary with the offset address incre-
ment by 2 bytes. The starting WORD read address
should be 0, 2, 4, 6, . . .
PCI WRITE TRANSFERS
Write transfers on the PCI bus are one clock period
shorter than read transfers. This is because the
AD[31:0] bus does not require a turn-around cycle
between the address and data phases.
Write accesses to the S5320 operation registers are
shown in Figure 46. Here, the S5320 asserts the sig-
nal STOP# in clock period 3. STOP# is asserted
because the S5320 does not support burst writes to
operation registers. Wait states may be added by the
initiator by not asserting the signal IRDY# during clock
2 and beyond. There is only one condition where
writes to S5320 internal registers do not return TRDY#
(but do assert STOP#). This is called a target-initiated
termination or target disconnect. This occurs when a
write attempt is made to a full Pass-Thru FIFO. The
assertion of STOP# without the assertion of TRDY#
indicates that the initiator should retry the operation
later. The S5320 will sustain a burst as long as the
FIFO is not full.
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
Address
Data
Bus Cmd
Byte Enables
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com