Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 92 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 92 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 88Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 89Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
92
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
1. Memory Read Multiple and Memory Read Line are executed as a Memory Read.
2. Memory Write and Invalidate is executed as a Memory Write.
PCI BURST TRANSFERS
The PCI bus, by default, expects burst transfers to be
executed. To successfully perform a burst transfer,
both the initiator and target must order their burst
address sequence in an identical fashion. There are
two different ordering schemes: linear address incre-
menting and 80486 cache line fill sequencing.
The S5320 supports only linear burst ordering.
Attempts to perform burst transfers with a scheme
other than this will cause the STOP# signal to be
asserted during the first data phase, thus issuing a dis-
connect to the initiator. The S5320 completes the initial
data phase successfully, but asserting STOP# indi-
cates that the next access needs to be a completely
new cycle.
Some accesses to the S5320 controller do not support
burst transfers. For example, the S5320 does not
allow burst transfers when accesses are made to the
configuration or operation registers. Attempts to per-
form burst transfers to these regions will cause a
disconnect on the PCI bus, as described above.
Expansion ROM accesses also do not support bursts,
and will respond in the same way. Accesses to mem-
ory or I/O regions defined by the Base Address
Registers 1-4 may be bursts, if desired.
Table 41. PCI Bus Commands
C/BE[3:0]#
Command Type
Supported
0000
Interrupt Acknowledge
No
0001
Special Cycle
No
0010
I/O Read
Yes
0011
I/O Write
Yes
0100
Reserved
No
0101
Reserved
No
0110
Memory Read
Yes
0111
Memory Write
Yes
1000
Reserved
No
1001
Reserved
No
1010
Configuration Read
Yes
1011
Configuration Write
Yes
1100
Memory Read Multiple
Yes 1
1101
Reserved
No
1110
Memory Read Line
Yes 1
1111
Memory Write and Invalidate
Yes 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com