Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 97 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 97 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 101Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
97
Data Sheet
PCI BUS INTERRUPTS
The S5320 controller is able to generate PCI bus inter-
rupts by asserting the PCI bus interrupt signal (INTA#).
INTA# is a multi-sourced, wire-ORed signal on the PCI
bus and is driven by an open drain output on the
S5320. The assertion and deassertion of INTA# have
no fixed timing relationship with respect to the PCI bus
clock. Once the S5320 asserts INTA#, it remains
asserted until the interrupt source is cleared by a write
to the Interrupt Control/Status Register (INTCSR). In
the case of the external Add-On Interrupt, INTA# will
remain set as long as the ADDINT# pin is driven low
by an Add-On device(s). The source(s) driving ADD-
INT# must deassert this input before the PCI interrupt
(INTA#) is driven to the false state. It is the responsibil-
ity host software to clear the Add-On interrupt source
before exiting its interrupt handler routine.
PCI BUS PARITY ERRORS
The PCI specification defines two error-reporting sig-
nals, PERR# and SERR#. These signals indicate a
parity error condition on the signals AD[31:0], C/
BE[3:0]#, and PAR. The validity of the PAR signal is
delayed one clock period from its corresponding
AD[31:0] and C/BE[3:0]# signals. Even parity is sup-
ported by PCI: when the total number of ones in the
group of signals AD[31:0] and C/BE[3:0]# is equal to
an even number the parity bit will be deasserted. If an
odd number of ones is seen, the parity bit will be
asserted.
PERR# is the error-reporting mechanism for parity
errors that occur during the data phase for all but PCI
Special Cycle commands. SERR# is the error-report-
ing mechanism for parity errors that occur during the
address phase.
The timing diagram in Figure 53 shows the timing rela-
tionships between the signals AD[31:0], C/BE[3:0]#,
PAR, PERR# and SERR#.
The S5320 asserts SERR# if it detects odd parity dur-
ing an address phase, if enabled. The SERR# enable
bit is bit 8 in the S5320 PCI Command Register
(PCICMD). The odd parity error condition involves the
state of signals AD[31:0] and C/BE[3:0]# when
FRAME# is first asserted and the PAR signal during
the following clock. If an error is detected, the S5320
asserts SERR# on the following (after PAR valid)
clock. Since many targets may observe an error on an
address phase, the SERR# signal is an open-drain
multi-sourced, wire-ORed signal on the PCI bus. The
S5320 drives SERR# low for one clock period when
an address phase error is detected. Once an SERR#
error is detected by the S5320, the PCI Status register
bit 14, System Error, is set and remains set until
cleared through software or a hardware reset.
The PERR# signal is similar to the SERR# with two
differences: it reports errors for the data phase and is
only asserted by the device receiving the data. The
S5320 drives this signal (removed from tri-state) when
it is the selected target for write transactions. The par-
ity error conditions are only reflected by the PERR#
pin if the Parity Error Enable bit (bit 6) of the PCI Com-
mand Register is set. Upon the detection of a data
parity error, the Detected Parity Error bit (bit 15) of the
PCI Status Register is set (PCISTS). Unlike the
PERR# signal pin, this Status bit is set regardless of
the state of the PCI Command Register's Parity Error
Enable bit.
The assertion of PERR# occurs two clock periods fol-
lowing the data transfer. This two-clock delay occurs
because the PAR signal does not become valid until
the clock following the transfer, and an additional clock
is provided to generate and assert PERR# once an
error is detected. PERR# is only asserted for one
clock cycle for each error sensed. The S5320 only
qualifies the parity error detection during the actual
data transfer portion of a data phase (when both
IRDY# and TRDY# are asserted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com