Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 101 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 101 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 105Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 160 page
background image
S5320 – PCI Match Maker: Mailbox Overview
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
101
Data Sheet
Figure 55. Add-On to PCI Mailbox Register
Mailbox Empty/Full Conditions
The PCI and Add-On interfaces each have a mailbox
status register. The PCI Mailbox Empty/Full Status
(MBEF) and Add-On Mailbox Empty/Full Status
(AMBEF) registers indicate the status of all bytes
within the mailbox registers. A write to an outgoing
mailbox sets the status bits for that mailbox. The byte
enables determine which bytes within the mailbox
become full (and which status bits are set).
An outgoing mailbox for one interface is an incoming
mailbox for the other. Therefore, incoming mailbox sta-
tus bit s on one interface are id entical to the
corresponding outgoing mailbox status bits on the
other interface. The following list shows the relation-
ship between the mailbox registers on the PCI and
Add-On interfaces.
A write to an outgoing mailbox also writes data into the
incoming mailbox on the other interface. It also sets
the status bits for the outgoing mailbox and the status
bits for the incoming mailbox on the other interface.
Reading the incoming mailbox clears the correspond-
ing status bit(s) in the Add-On and PCI mailbox status
registers (AMBEF and MBEF).
For example, a PCI write is performed to the PCI out-
going mailbox, writing bytes 0 and 1 (CBE0# and
CBE1# asserted). Reading the PCI Mailbox Empty/
Full Status Register (MBEF) indicates that bits 12 and
13 are set. These bits indicate that outgoing mailbox
bytes 0 and 1 are full. Reading the Add-On Mailbox
Empty/Full Status Register (AMBEF) shows that bits
12 and 13 in this register are also set, indicating the
Add-On incoming mailbox bytes 0 and 1 are full. An
Add-On read of the incoming mailbox, bytes 0 and 1,
clears the status bits in both the MBEF and AMBEF
status registers.
The read-only status flags in the MBEF and AMBEF
registers are reset when the corresponding byte is
read from the incoming mailbox. Alternately, these
flags can be globally reset from either the PCI inter-
face or the Add-On interface. The PCI Bus Reset
Control Register (RCR) and the Add-On Reset Control
Register (ARCR) each have a bit to reset all of the
mailbox status flags.
Mailbox Interrupts
The designer has the option to generate interrupts to
the PCI and Add-On interfaces when specific mailbox
events occur. The PCI and Add-On interfaces can
each define two conditions where interrupts may be
generated. An interrupt can be generated when the
incoming mailbox becomes full and/or when the outgo-
ing mailbox becomes empty. A specific byte within a
specific mailbox is selected to generate the interrupt.
The conditions defined to generate interrupts to the
PCI interface do not have to be the same as the condi-
tions defined for the Add-On interface.
For the incoming mailbox interrupts, when the speci-
fied byte becomes full, an interrupt is generated. The
interrupt might be used to indicate command or status
information has been provided, and must be read. For
OUTPUT
INTERLOCK
REGISTER
PCI CLK
EN
PCI
INCOMMING
MAILBOX
MAILBOX
REGISTER
ADCLK
ADCLK
ADD-ON BUS
PCI BUS
D
Q
EN
D
Q
EN
PCI READ
MAILBOX
FULL
WR#
SELECT#
ADR -MB
V
DD
D
Q
R
S
D
Q
ADCLK
PCI Interface
Add-On Interface
Outgoing Mailbox
=
Incoming Mailbox
Incoming Mailbox
=
Outgoing Mailbox
PCI Mailbox Empty/
Full
=
Add-On Mailbox Empty/
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com