Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 70 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 70 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 74Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
70
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Add-On Incoming Mailbox Register (AIMB)
Add-On Outgoing Mailbox Register (AOMB)
Add-On Pass-Thru Address Register (APTA)
Add-On Pass-Thru Data Register (APTD)
Register Names:
Incoming Mailbox
This DWORD register provides a method for receiving user-defined status or
parameter data from the PCI system. Add-On bus read operations to this register
may be of any width (byte, word, or DWORD). Only read operations are sup-
ported. Reading from this register can optionally cause a PCI bus interrupt (if
desired) by enabling interrupt generation through the use of the PCI’s Interrupt
Control/Status Register. This register is also referred to as the PCI Outgoing Mail-
box Register.
Add-On Address:
0Ch
Power-up value:
XXXXXXXXh
Add-On Attribute:
Read Only
Size:
32 bits
Register Names:
Outgoing Mailbox
This DWORD register provides a method for sending command or parameter
data to the PCI interface. Add-On bus operations to this register may be of any
width (byte, word, or DWORD). Writing to this register can be a source for PCI
bus interrupts (if desired) by enabling interrupt generation through the use of the
PCI’s Interrupt Control/Status Register. This is also called the PCI Incoming Mail-
box Register (IMB). Byte 3 of this mailbox can also be controlled via the external
mailbox port. Reading from this register will not affect interrupts or the AMBEF
Status Register. (OMB).
Add-On Address:
1Ch
Power-up value:
XXXXXXXXh
Add-On Attribute:
Read/Write
Size:
32 bits
Register Name:
Add-On Pass-Thru Address
This register stores the address of any active Pass-Thru PCI bus cycle
that has been accepted by the S5320. When one of the base address
decode registers 1-4 encounters a PCI bus cycle which selects the
region defined by it, this register stores that current cycle’s active
address. This address is incremented after every 32-bit Pass-Thru data
transfer.
Add-On Address:
28h
Power-up value:
XXXXXXXXh
Add-On Attribute:
Read Only
Size:
32 bits
Register Name:
Add-On Pass-Thru Data
This register, along with APTA register, is used to perform Pass-Thru trans-
fers. When one of the base address decode registers 1-4 encounters a PCI
bus cycle which selects the region defined by it, the APTA register will con-
tain that current cycle’s active address and the APTD will contain the data
(PCI bus writes) or must be written with data (PCI bus reads). Wait states
are generated on the PCI bus until this register is read (PCI bus writes) or
this register is written (PCI bus reads) when in Passive mode.
Add-On Address:
2Ch
Power-up value:
XXXXXXXXh
Add-On Attribute:
Read/Write
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com