Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
60
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
PCI Outgoing Mailbox Register (OMB)
This DWORD register provides a method for sending
command or parameter data to the Add-On bus. PCI
bus transactions to this register may be of any width
(byte, word, or DWORD). Writing to this register can
be a source for Add-On bus interrupts by enabling
interrupt generation through the use of the Add-on’s
Interrupt Control/Status Register. This is also called
the Add-On Incoming Mailbox Register (AIMB). Read-
ing from this register will not affect interrupts or the
MBEF status register.
Figure 25. Outgoing Mailbox
Register Names:
Outgoing Mailbox
PCI Address Offset:
0Ch
Power-up value:
Undefined
PCI Attribute:
Read/Write
Size:
32 bits
Byte 3
0
Byte 2
Byte 1
Byte 0
7
8
15
16
23
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com