Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
S5320 – PCI Match Maker: Architectural Overview
16
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 2. S5320 Pinout
PCLK
INTA#
RST#
AD[31:0]
C/BE[3:0]#
FRAME#
DEVSEL#
IRDY#
TRDY#
IDSEL#
STOP#
LOCK#
PAR
PERR#
SERR#
FLT#
BPCLK
ADCLK
SYSRST#
IRQ#
ADDINT#
DQ[31:0]
SELECT#
ADR[6:1]
BE[3:0]#
RD#
WR#
PTATN#
PTBURST#
PTNUM[1:0]
PTBE[3:0]#
PTADR#
PTWR
PTRDY#/WAIT#
DXFER#
PTMODE
DQMODE
MD[7:0]
LOAD#
MDMODE
SDA
SCL
Add-OnBus
T iming/Interrupts
S5320Data
AccessControl
Pass-T hru
Control/
Access
SerialBus
Config/BIOSOpt.
S5320
Control
S5320
Add-OnDataBus
Add-OnBus
Control
MailBox
Access/Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com