Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 26 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 26 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
S5320 – PCI Match Maker: Signal Description
26
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Table 9. Add-On Bus General Pins
Signal
Type
Description
SYSRST#
out
System Reset. An active-low buffered PCI bus RST# output signal. The signal is asynchro-
nous and can be asserted through software from the PCI host interface.
BPCLK
out
Buffered PCI Clock. This output is a buffered form of the PCI bus clock and has all of the
behavioral characteristics of the PCI clock (i.e., DC-to-33 MHz capability).
ADCLK
in
Add-On Clock. All internal S5320 Add-On bus logic is synchronous to this clock. The clock
is asynchronous to the PCI bus logic unless connected to the BPCLK signal.
IRQ#
out
Interrupt Request. This output signals to Add-On logic that a significant event has occurred
as a result of activity within the S5320.
ADDINT#
in
Add-On interrupt. When enabled and asserted, this input will cause a PCI bus interrupt by
driving INTA# low. The input is level sensitive and can be driven by multiple sources. This
signal is connected to an internal 50k Ohm pull-up.
FLT#
in
Float. Floats all S5320 output signals when asserted. This signal is connected to an internal
50k Ohm pull-up
Pin 125
X
For factory use only. Must be left open. (RSVD1)
Pin 139
X
For factory use only. Must be left open. (RSVD2)
Pin 140
X
For factory use only. Must be left open. (RSVD3)
Pin 156
X
For factory use only. Must be left open. (RSVD4)
Pin 134
X
For factory use only. Must be left open. (RSVD5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com