Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 23 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 23 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 160 page
background image
S5320 – PCI Match Maker: Signal Description
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
23
Data Sheet
ADD-ON BUS AND S5320 CONTROL SIGNALS
The following sets of signals represent the interface signals available for the user Add-On bus and S5320 control.
Table 5. Serial nvRAM Interface Signals
Signal
Type
Description
SCL
o/d-out
Serial Clock. This clock provides timing for all transactions on the two-wire serial bus. The S5320 drives
this signal when performing as a serial bus master. SCL operates at the maximum allowable clock
speed and enters the high Z state when FLT# is asserted or the serial bus is inactive.
SDA
o/d
Serial Data/Address. This bi-directional signal carries serial address and data information between
nvRAMs and the S5320. This pin enters high Z state when FLT# is asserted or the serial bus is inactive.
Table 6. Direct Mailbox Access Signals
Signal
Type
Description
MDMODE
in
Mailbox Data Mode. The MD[7:0] signal pins are always inputs when this signal is high. The MD[7:0]
signal pins are defined as inputs and outputs under LOAD# control when MDMODE is low. This pin is
provided for software compatibility with the S5335. New designs should permanently connect this sig-
nal low. This signal is connected to an internal 50k Ohm pull-up.
LOAD#
in
MD[7:0] is defined as an input bus when this signal is low. The next rising edge of the ADCLK will latch
MD[7:0] data into byte three of the Add-On outgoing mailbox. When LOAD# is high and MDMODE is
low, MD[7:0] are defined as outputs displaying byte three of the PCI outgoing mailbox. This signal is
connected to an internal 50k Ohm pull-up.
MD[7:0]
t/s
Mailbox Data bus. The mailbox data registers can be directly accessed using the LOAD# and
MDMODE signals. When configured as an input, data byte three of the PCI incoming mailbox is directly
written to from these pins. When configured as an output, data byte three of the PCI outgoing mailbox
is output to these pins. All MD[7:0] signals have an internal 50k Ohm pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com