Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 69 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 69 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 73Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
69
Data Sheet
ADD-ON BUS OPERATION REGISTERS
The Add-On bus interface provides access to 8
DWORDs of data, control and status information. All of
these locations are accessed by asserting the Add-On
bus chip select pin (SELECT#) and the byte-enable
pins (BE[3:0]), in conjunction with either the read or
write control enables (signal pin RD# or WR#). All reg-
isters are accessed with signals synchronous to the
Add-On clock.
This register group represents the primary method for
communication between the Add-On and PCI buses
as viewed by the Add-On. The flexibility of this
arrangement allows a number of user-defined soft-
ware protocols to be built. One should NOT read/write
from any undefined address, or the read results and
write effects cannot be guaranteed. Table 33 lists the
Add-On Bus Operation Registers.
Table 33. Operation Registers - Add-On Interface
Address
Abbreviation
Register Name
0Ch
AIMB
Add-On Incoming Mailbox Register
1Ch
AOMB
Add-On Outgoing Mailbox Register
28h
APTA
Add-On Pass-Thru Address Register
2Ch
APTD
Add-On Pass-Thru Data Register
34h
AMBEF
Add-On Mailbox Empty/Full Status Register
38h
AINT
Add-On Interrupt Control/Status Register
3Ch
ARCR
Add-On Reset Control Register
60h
APTCR
Add-On Pass-Thru Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com