Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
45
Data Sheet
Base Address Register (BADR)
Base address registers are used by the system BIOS
to determine how much memory or I/O address space
a region requires in host space. The actual memory or
I/O location(s) of the space is determined by interro-
ga tin g th ese re gister s af ter BIOS po we r-u p
initialization. Bit zero of each field is used to select
whether the space required is to be decoded as mem-
ory (bit 0 = 0) or I/O (bit 0 = 1). Since this PCI device
has internal operating registers, the Base Address
Register at offset 10h is assigned to them. The
remaining four base address registers can only be
used by boot-loading them from the external nvRAM
interface.
Determining Base Address Size
The address space defined by a given base address
register is determined by writing all 1s to a given base
address register from the PCI bus and then reading
that register back. The number of 0s returned starting
from D4 for memory space and D2 for I/O space
toward the high-order bits reveals the amount of
address space desired. Tables 25 and 26 list the pos-
sible returned values and their corresponding size for
both memory and I/O, respectively.
Included in the tables are the nvRAM/EPROM boot
values which correspond to a given assigned size. A
register returning all 0s indicates the region is
disabled.
Assigning the Base Address
After a base address has been sized, the BIOS can
physically locate it in memory (or I/O) space. The base
address value must be on a natural binary boundary
for the required size. For example, if the first base
address register returns FFFFFF81h indicating an I/O
space (D0=1) of size 80h. This means that the 5920’s
internal registers can be selected for I/O addresses
between 00000300h through 0000037Fh, in this
example. (example 300h, 380h etc.; 338h, 340h would
not be allowable).
Register Name:
Base Address
Address Offset:
10h, 14h, 18h, 1Ch, 20h
Power-up value:
FFFFFF81h for offset 10h;
00000000h for all others
Boot-load:
External nvRAM offset 050h, 54h,
58h, 5Ch, 60h (BADR0-4)
Attribute:
high bits Read/Write; low bits Read
Only
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com