Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 29 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
29
Data Sheet
PCI CONFIGURATIONS REGISTERS
Vendor Identification Register (VID)
This register is reserved for the manufacturer’s device
identification number (VID). VID numbers are
assigned to each PCI device manufacturer by an inter-
national organization known as the PCI Special
Interest Group (SIG). This ensures PCI device unique-
ness among all manufacturers. This register defaults
to AMCC's VID during power-on initialization. The
default value can be changed to another valid VID
when an external non-volatile device is used for boot
loading.
Figure 6. Vendor Identification Register
Register Name:
Vendor Identification
Address Offset:
00h-01h
Power-up value:
10E8h (AMCC’s)
Boot-load:
External nvRAM offset 040h-41h
Attribute:
Read Only
Size:
16 Bits
Bit
Description
15.0
Vendor Identification Number: AMCC’s 16-bit value is 10E8h
10E8h
0
15
Vendor Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com