Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 81 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 77Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 78Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 79Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 80Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 81Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 82Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 83Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 84Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 85Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
S5320 – PCI Match Maker: Initialization
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
81
Data Sheet
Figure 35. S5320 to nvRAM Interface
Figure 36. Serial Interface Definition of Start and Stop
Figure 37. Serial Interface Clock Data Relationship
Serial
nvRAM
S5320
SCL
SDA
V
cc
V
cc
4.7K
4.7K
A0
A1
A2
24C02 256x8
24C04 512x8
24C08 1Kx8
24C16 2K8
STOP BIT
START BIT
SCL
SDA
DATA STABLE
DATA STABLE
SCL
SDA
DATA CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com