Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 76 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 76 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 74Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 75Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 76Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 77Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 78Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 79Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 80Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
76
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Table 36. Reset General Control/Status Register
Bit
Description
31:29
nvRAM Access Control. This field provides a method for access to the optional external non-volatile memory.
Write operations are achieved by a sequence of byte operations involving these bits and the 8-bit field of bits 23
through 16. The sequence requires that the low-order address, high-order address, and then a data byte are
loaded in order. Bit 31 of this field acts as a combined enable and ready for the access to the external memory.
D31 must be set to a 1 before an access can begin, and subsequent accesses must wait for bit D31 to become
0 (ready).
D31
D30
D29
W/R
0
X
X
W
Inactive
1
0
0
W
Load low address byte
1
0
1
W
Load high address
1
1
0
W
Begin write
1
1
1
W
Begin read
0X
X
R
Ready
1
X
X
R
Busy
Cautionary note: The non-volatile memory interface is also available for access by the Add-On interface. While
simultaneous accesses to the nv memory by both the Add-On and PCI are supported, via arbitration logic, soft-
ware must be designed to prevent the possibility of data corruption within the memory and to provide for accu-
rate data retrieval.
28
nvRAM Access Failed. It will indicate that the last nvRAM access has failed. This flag is cleared automatically
upon the start of the next read/write operation.
27
Mailbox Flag Reset. Writing a one to this bit causes all mailbox status flags to become reset (EMPTY). It is not
necessary to write this bit to 0 afterwards because it is used internally to produce a reset pulse. Since reading
this bit will always return a 0, this bit is write only.
26
Reserved. Always zero.
25
Read FIFO Reset. Writing a one to this bit causes the read FIFO to reset (empty). It is not necessary to write a 0
to this bit. This bit is write only. This feature is intended for test only. It can only be asserted when the PCI is not
performing any Pass-Thru accesses.
24
Reserved. Always zero.
23:16
Non-volatile Memory Address/Data Port. This 8-bit field is used in conjunction with bits 31, 30 and 29 of this reg-
ister to access the external non-volatile memory. The contents written are either low address, high address, or
data as defined by bits 30 and 29. This register will contain the external non-volatile memory data when the
proper read sequence for bits 31 through 29 is performed.
15:12
BIST Condition Code. This field is directly connected to the PCI configuration self-test register. Bit 15 through 12
maps with the BIST register bits 3 through 0, respectively.
11:0
Reserved. Always zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com