Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 95 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 95 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
95
Data Sheet
Figure 48. Target Disconnect Example 2
Target Aborts
A target abort termination represents an error condi-
tion when no number of retries will produce a
successful target access. A target abort is uniquely
identified by the target deasserting DEVSEL# and
TRDY# while STOP# is asserted. When a target per-
forms an abort, it must also set bit 11 of its PCI Status
register (PCISTS). The S5320 never responds with a
target abort when accessed. Target termination types
are summarized in Table 42.
Target Latency
The PCI specification requires that a selected target
relinquish the bus should an access to that target
require more than eight PCI clock periods (16 clocks
for the first data phase, 8 clocks for each subsequent
data phase). This prevents slow target devices from
potentially monopolizing the PCI bus and also allows
more accurate estimations for bus access latency.
Note that a special mode is available to the user which
will allow for this mechanism to be disabled, thus vio-
lating the PCI 2.1 Specification. If a value of 0 is
programmed into the serial nvRAM location 45h, bit 0,
target latency is ignored. In this case, the S5320 will
never issue a retry/disconnect in the event of a slow
Add-On device. This programmable bit is only pro-
vided for flexibility, and most users should leave this bit
set to 1.
nvRAM Location 45h, bit 0 = 0: No disconnect for slow
Add-On device.
nvRAM Location 45h, bit 0 = 1: PCI 2.1 compliant
Target Locking
It is possible for a PCI bus master to obtain exclusive
access to a target (“locking”) through use of the PCI
bus signal LOCK#. LOCK# is different from the other
PCI bus signals because its ownership may belong to
any bus master, even if it does not currently have own-
ership of the PCI bus. The ownership of LOCK#, if not
already claimed by another master, may be achieved
by the current PCI bus master on the clock period fol-
lowing the initial assertion of FRAME#. Figure 50
describes the signal relationship for establishing a
lock. The ownership of LOCK#, once established, per-
sists even while other bus masters control the bus.
Ownership can only be relinquished by the master
which originally established the lock.
PCI Bus Access Latency Components
Figure 49. Target-Initiated Retry
FRAME#
IRDY#
TRDY#
DEVSEL#
ST OP#
1
2
3
4
5
PCLK
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
(I)
(T)
(T)
Data
Transfered
Target
Disconnect
Single
Data
Transferred
Bus Access Latency
REQ#
Asserted
GNT#
Asserted
FRAME#
Asserted
TRDY#
Asserted
--Arbitration Latency-- --Bus Acquisition--
Latency
--Target Latency--
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
(I)
(T)
(T)
Target Retry
Signaled
Initiator
Sequences IRDY#
+ FRAME# to return
to IDLE state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com