Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 61 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 61 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 65Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
61
Data Sheet
PCI Incoming Mailbox Register (IMB)
This DWORD register provides a method for receiving
user-defined status or parameter data from the Add-
On bus. PCI bus transactions to this register may be of
any width (byte, word, or DWORD). Only read opera-
tions are supported from this register. Reading from
this register can be a source for Add-On bus interrupt
by enabling interrupt generation through the use of the
Add-On Interrupt Control/Status Register. Byte 3 of
this mailbox can also be controlled via external hard-
ware from the Add-On bus. This register is also
referred to as the Add-On Outgoing Mailbox Register
AOMB).
Figure 26. Incoming Mailbox
Register Names:
Incoming Mailbox
PCI Address Offset:
1Ch
Power-up value:
Undefined
PCI Attribute:
Read Only
Size:
32 bits
Byte 3
0
Byte 2
Byte 1
Byte 0
7
8
15
16
23
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com