Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 98 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 98 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 102Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
98
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 51. Access to a Locked Target by its Owner
Figure 52. Access Attempt to a Locked Target
Figure 53. Error Reporting Signal
FRAME#
AD[31:0]
IRDY#
TRDY#
DEVSEL#
1
2
3
4
5
PCLK
Address
Data
(I)
(I)Driv en by Initiator
(T)Driv enby Target
LOCK#
(I)
(I)
(T )
(T )
CONDIT ION
WHICH
UNLOCKS
TARGET
LOCKED
TARGET
IDENT IFIES
OWNER
Data
FRAME#
AD[31:0]
IRDY#
TRDY#
DEVSEL#
1
2
3
4
5
PCLK
Address
Data
(I)
(I) Driven by Initiator
(T) Driven by Target
LOCK#
(I)
(I)
(T)
(T)
CAUSESTARGET
RETRYTERMINATION
LOCKED TARGET
IDENTIFIES THAT BUS
MASTER ISNOT ITS
OWNER
STOP#
(T)
FRAME#
C/BE[3:0]
PAR
SERR#
PERR#
1
2
3
4
5
PCLK
(I)
(I) Driv en by Initiator
(T) Driv en by Target
(I)
(T)
(T)
6
7
8
9
(T)
Address
B
Data B
(I)
Address
A
Data A
AD[31:0]
CMDA
BE's A
CMDB
BE's B
(I)
(I)
(T)
(I)
(I)
GOOD
ERROR
GOOD
ERROR
ERROR
GOOD
ERROR
GOOD
READ
TRANSACTION
WRITE
TRANSACTION
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com