Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 68 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 68 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
68
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Table 32 describes one of the four configuration registers. All four region configuration registers are exactly the
same.
Table 32. Pass-Thru Configuration Register
Bit
Description
7
PTADR# mode. This bit is only valid in Active mode. If this bit is 0, PTADR# is not driven at the beginning of an
active cycle. If this bit is set to 1 (default state), the S5320 will assert PTADR# for one clock cycle after PTATN#
is asserted. The Pass-Thru address is also driven while PTADR# is low. This bit is a don’t care if the device is
operating in Passive mode.
6
Endian conversion. If this bit is set to one, the S5320 will convert the Add-On bus from the default little endian
format to a big endian format. Reference Chapter 9 for more details.
5
Write FIFO disabled. If this bit is set to 1, the S5320 will not accept the next piece of data (on a PCI write) until
the Add-On has accepted the previous piece of data. If this bit is set to 0, the S5320 will accept data from the
PCI until the Pass-Thru write FIFO is full.
4:3
Prefetch. These bits control the number of DWORDs the S5320 will prefetch after the current PCI Pass-Thru
read completes. The actual amount of data prefetched depends upon any number of different scenarios. The
prefetch values of “small”, “medium” and “large” are available to tune the system to achieve best overall perfor-
mance (i.e., optimize PCI bus transfers or optimize Add-On bus transfers). The Pass-Thru read FIFO can be
enabled to prefetch in either Active mode or Passive mode.
2:0
Wait states. In Active mode, the user can program the number of wait states required by the Add-On bus to com-
plete a transaction. Up to 7 wait states can be programmed (per region). The S5320 will count the number of
clocks programmed into this register before finishing the current data transaction if PTWAIT# is high. If
PTWAIT# is driven low, additional wait states may be inserted. Bits 2, 1 and 0 are don’t care if operating in Pas-
sive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com