Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 18 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 22Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
S5320 – PCI Match Maker: Architectural Overview
18
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
To increase data throughput, the Pass-Thru channel
incorporates two 32-byte FIFOs. One FIFO is dedi-
cated to PCI read data while the other is dedicated to
PCI write data. Enabling the write FIFO allows the
S5320 to accept zero wait state bursts from the PCI
bus regardless of the Add-On bus application design
speed. Figure 4 illustrates the Pass-Thru block.
Enabling the read FIFO allows data to be optionally
prefetched from the Add-On Bus. This can greatly
improve performance of slow Add-On bus designs.
PCI read cycles can be performed with zero wait
states since data has been prefetched into the FIFO.
Either of the write/read FIFOs can be disabled or
enabled to tune system performance.
The Add-On bus can be operated in two different
modes: active or passive. The passive mode of opera-
tion mimics that of the S5335 Add-On bus operation.
The user design drives S5320 pins to read or write
data. In active mode, the Add-On bus is driven from an
S5320 internal state machine. This reduces compo-
nent count in cost-sensitive designs. Active mode also
incorporates programmable wait states from 0 to 7.
Figure 4. Pass-Thru Block Diagram
32
Add-On
Decode
Control
Pass-Thru Register
Pass-Thru Register
32-Byte
FIFO
Status/CTRL Register
PCI
Decode
Control
32
32
32
Endian
Conv.
Endian
Conv.
32-Byte
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com