Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 66 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 66 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 66Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
66
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Table 31. Reset Control Register
Bit
Description
31:29
nvRAM Access Control. This field provides a method for access to the optional external non-volatile memory.
Write operations are achieved by a sequence of byte operations involving these bits and the 8-bit field of bits 23
through 16. The sequence requires that the low-order address, high-order address, and then a data byte are
loaded in order. Bit 31 of this field acts as a combined enable and ready for the access to the external memory.
D31 must be written to a 1 before an access can begin, and subsequent accesses must wait for bit D31 to
become 0 (ready).
D31
D30
D29
W/R
0
X
X
W
Inactive
1
0
0
W
Load low address byte
1
0
1
W
Load high address byte
1
1
0
W
Begin write
1
1
1
W
Begin read
0X
X
R
Ready
1X
X
R
Busy
Cautionary note: The nonvolatile memory interface is also available for access by the Add-On interface. While
simultaneous accesses to the nv memory by both the Add-On and PCI are supported (via arbitration logic), soft-
ware must be designed to prevent the possibility of data corruption within the memory and to provide for accu-
rate data retrieval.
28
nvRAM Access Failed. Indicate the last nvRAM access failed. This flag is cleared automatically upon the start of
the next read/write operation.
27
Mailbox Flag Reset. Writing a one to this bit causes all mailbox status flags to become reset (EMPTY). It is not
necessary to write this bit to 0 afterwards because it is used internally to produce a reset pulse. Since reading
this bit will always return a 0, this bit is write only.
26
Reserved. Always zero.
25
Read FIFO Reset. Writing a one to this bit causes the read FIFO to reset (empty). It is not necessary to write a 0
to this bit. This bit is write only. This feature is intended for test only. However, it can be used during operation if
several PCI idle cycles are inserted following the assertion of this command.
24
Add-On Pin Reset. Writing a one to this bit causes the reset output pin to become active (SYSRST#). Clearing
this bit is necessary in order to remove the assertion of reset. This bit is read/write.
23:16
Non-volatile Memory Address/Data Port. This 8-bit field is used in conjunction with bits 31, 30 and 29 of this reg-
ister to access the external non-volatile memory. The contents written are either low address, high address, or
data as defined by bits 30 and 29. This register will contain the external non-volatile memory data when the
proper read sequence for bits 31 through 29 is performed.
15:0
Reserved. Always zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com