Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 36 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 36 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 40Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
36
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Class Code Register (CLCD)
This 24-bit, read-only register is divided into three one-
byte fields: the base class byte at location 0Bh, the
sub-class byte at 0Ah, and the programming interface
byte at 09h. The default setting for the base class is
FFh, which indicates that the device does not fit into
the thirteen base classes defined in the PCI Bus Spec-
ification. It is possible, however, through use of the
external non-volatile memory to change the value of
this register. Refer to the PCI specification for details.
Figure 11. Class Code Register
Register Name:
Class Code
Address Offset:
09h-0Bh
Power-up value:
FF0000h
Boot-load:
External nvRAM offset 049h-4Bh
Attribute:
Read Only
Size:
24 Bits
0
7
Base Class
Sub-Class
Prog I/F
0
7
07
@0Bh
@0Ah
@09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com