Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 94 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 94 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 91Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
94
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 45. Burst PCI Bus Read Attempt to S5320 Reg-
isters or Expansion ROM
Figure 46. Burst PCI Bus Write of S5320 Registers
Target-Initiated Termination
There are situations where the target may end a trans-
fer prematurely. This is called “target-initiated
termination.” Target termination falls into three catego-
ries: disconnect, retry, and target abort. Only the
disconnect termination completes a data transfer.
Target Disconnects
There are many situations where a target may discon-
nect. Slow responding targets may disconnect to
permit more efficient (faster) devices to be accessed
while they prepare for the next data phase. Or a target
may disconnect if it recognizes that the next data
phase in a burst transfer is out of its address range. A
target disconnects by asserting STOP#, TRDY#, and
DEVSEL# as shown in Figures 47 and 48. The initiator
in Figure 47 responds to the disconnect condition by
deasserting FRAME# on the following clock but does
not complete the data transfer until IRDY# is asserted.
The timing diagram in Figure 48 also applies to the
S5320.
The S5320 performs a target disconnect if a burst
access is attempted to any of its PCI Operation/Con-
figuration Registers, or to the Expansion ROM.
Target Requested Retries
The S5320 initiates a retry for Pass-Thru writes when
the Write FIFO is full, and for Pass-Thru reads when
the Add-On cannot supply data within 16 PCI clocks
from the assertion of FRAME# (for the first data phase
of a burst). A retry is requested by a target by assert-
ing both STOP# and DEVSEL# while TRDY# is
deasserted. Figure 49 shows the behavior of the
S5320 when performing a target-initiated retry.
Figure 47. Target Disconnect Example 1
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
Address
Data
Bus
Cmd
Byte
Enables
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
Address
Data 1
Bus
Cmd
BE 1
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
Data 2
BE 2
(I)
(I)
(I)
(T)
(T)
Data
Transfered
No Data
Transfered
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
1
2
3
4
5
PCLK
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target
(I)
(T)
(T)
Data
Transfered
Target
Disconnect
Identified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com