Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
33
Data Sheet
PCI Status Register (PCISTS)
This register contains PCI device status information.
This register is defined by the PCI specification and its
implementation is required of all PCI devices. Only
applicable bits are used by the S5320; those which are
not used are hardwired to 0. Status bits within this reg-
ister are designated as “write one clear,” meaning that
in order to clear a given bit, a 1 must be written. All R/
W/C bits written with a 0 are left unchanged. These
bits are identified in Figure 9 as (R/WC). Those which
are Read Only are shown as (RO).
Figure 9. PCI Status Register
Register Name:
PCI Status
Address Offset:
06h-07h
Power-up value:
0200h
Boot-load:
not used
Attribute:
Read Only Read/Write Clear
Size:
16 bits
X
X
0
0
0
0
1
0
1
Reserved = 00's
15
14
13
12
11
10
9
8
7
6
0
Reserved (RO)
Fast Back-to-Back Capable
(RO)
Data Parity Reported (RO)
DEVSEL# Timing Status
00 = Fast
01 = Medium
10 = Slow
11 = Reserved
Signaled Target Abort (R/WC)
Received Target Abort (RO)
Received Master Abort (RO)
Signaled System Error (R/WC)
Detected Parity Error (R/WC)
0
0
54
66 Mhz Capable
UDF Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com