Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  CS5320 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 160 page
background image
S5320 – PCI Match Maker
4
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 1. S5320 Block Diagram
PCI
Pass-
Thru
32
By te
FIFO
32
By te
FIFO
Pass-Thru
Address Register
AMCC
ADD-ON
Local Bus
Interf ace
Logic
Mux/
Demux
Activ e
R/WLogic
Buf f ers
ADD-ON
Pass-
Thru
Mailboxes/Status
Operation/
StatusRegisters
ISA
Card
Design
ISDN
FDDI
ATM
Graphics/
MPEG/
Grabber
2.1PCI
Local Bus
Interf ace
Logic
Mux/
Demux
Data
Buf f er
s
Audio
Design
I/O
Controller
User
Application
Serial
Read/Write
Control
Conf igurationSpace
ExpansionBIOS
Serial NVRAM
Read/Write
Control
PCI
Configuration
Registers
Serial Bus
Serial
S5320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com