Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 54 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 52Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 53Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 54Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 55Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
54
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Interrupt Line Register (INTLN)
This register indicates the interrupt routing for the
S5320 controller. The ultimate value for this register is
system-architecture specific. For x86 based PCs, the
values in this register correspond with the established
interrupt numbers associated with the dual 8259 con-
trollers used in those machines. In x86-based PC
systems, the values of 0 to 15 correspond with the IRQ
numbers 0 through 15, and the values from 16 to 254
are reserved. The value of 255 (the controller’s default
power-up value) signifies either “unknown” or “no con-
nection” for the system interrupt. This register is boot-
loaded from the external boot memory or may be writ-
ten by the PCI interface.
Figure 21. Interrupt Line Register
Register Name:
Interrupt Line
Address Offset:
3Ch
Power-up value:
FFh
Boot-load:
External nvRAM offset 7Ch
Attribute:
Read/Write
Size:
8 bits
FFh
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com