Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 52Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
49
Data Sheet
1. Base Address Register 0, at offset 10h, powers up as FFFFFF81h. This default assignment allows usage without an external boot memory.
Should an nvRAM be used, the base address can be boot loaded to become a memory space (FFFFFF80h or FFFFFF82h).
Table 26. Read Response (I/O Assigned) to an All-Ones Write Operation to a Base Address Register
Response
Size in Bytes
nvRAM boot value
00000000h
none - disabled
00000000h or BIOS missing
FFFFFFFDh
4 bytes (1 DWORDs)
FFFFFFFDh
FFFFFFF9h
8 bytes (2 DWORDs)
FFFFFFF9h
FFFFFFF1h
16 bytes (4 DWORDs)
FFFFFFF1h
FFFFFFE1h
32 bytes (8 DWORDs)
FFFFFFE1h
FFFFFFC1h
64 bytes (16 DWORDs)
FFFFFFC1h
FFFFFF81h
128 bytes (32 DWORDs)
FFFFFF81h 1
FFFFFF01h
256 bytes (64 DWORDs)
FFFFFF01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com