Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
37
Data Sheet
Table 11. Defined Base Class Codes
Base-Class
Description
00h
Early, pre-2.0 PCI specification devices
01h
Mass storage controller
02h
Network controller
03h
Display controllers
04h
Multimedia devices
05h
Memory controllers
06h
Bridge devices
07h
Simple communication controllers
08h
Generic system peripherals
09h
Input devices
0Ah
Docking stations
0Bh
Processors
0Ch
Serial bus controllers
0D-FEh
Reserved
FFh
Device does not fit defined class codes (default)
Table 12. Base Class Code 00h: Early, Pre-2.0 Specification Devices
Sub-Class
Prog I/F
Description
00h
00h
All currently implemented devices except VGA-compatible devices
01h
00h
VGA-compatible devices
Table 13. Base Class Code 01h: Mass Storage Controllers
Sub-Class
Prog I/F
Description
00h
00h
SCSI controller
01h
xxh
IDE controller
02h
00h
Floppy disk controller
03h
00h
IPI controller
04h
00h
RAID controller
80h
00h
Other mass storage controller
Table 14. Base Class Code 02h: Network Controllers
Sub-Class
Prog I/F
Description
00h
00h
Ethernet controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com