Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 160 page
background image
S5320 – PCI Match Maker: Architectural Overview
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
17
Data Sheet
MAILBOX OPERATION
The mailbox registers are divided into two 4-byte sets.
Each set is dedicated to one bus for data transfer to
the other bus. Figure 3 shows a block diagram of the
mailbox section of the S5320. The provision of mailbox
registers provides data or user defined command/sta-
tus transfer capability between two buses. An empty/
full indication for each mailbox register, at the byte
level, is determined by polling a status register acces-
sible to both the PCI and Add-On buses. Providing
mailbox byte level full indications allows greater flexi-
bility in 8-, 16-or 32-bit designs; i.e., transferring a
single byte in 8-bit Add-On bus without requiring the
assembly or disassembly of 32-bit data.
A mailbox byte level interrupt feature for PCI or Add-
On buses is provided. Bit locations configured within
the S5320 operation registers can select which mail-
box byte is to generate an interrupt when the mailbox
is written to. Interrupts can be generated to the PCI or
Add-On buses. PCI bus interrupts may also be gener-
ated from direct hardware interfacing due to a unique
S5320 feature. The Add-On mailbox is hardware
accessible via a set of dedicated device pins. A single
load pulse latches data into the mailbox generating an
interrupt, if enabled.
PASS-THRU OPERATION
Pass-Thru region accesses can execute PCI bus
cycles in real time or through an internal FIFO. Real
time operation allows the PCI bus to directly read or
write to Add-On bus resources. The S5320 allows the
designer to declare up to four individual Pass-Thru
regions. Each region may be defined as 8, 16 or 32
bits wide, mapped into memory or I/O system space
and may be up to 512 MB in size. Figure 4 shows a
ba sic b l ock diag ra m of the S532 0 Pass-T h ru
architecture.
Host communications to the Pass-Thru data channel
utilizes dedicated Add-On bus pins to signal that a PCI
read or write has been requested. User logic decodes
these signals to determine if it must read or write data
to the S5320 to satisfy the PCI request. Information
decoded includes: PCI read/write transaction request,
the byte lanes involved, the specific Pass-Thru region
accessed and whether the request is a burst or single
cycle access.
Pass-Thru operation supports single PCI data cycles
and PCI data bursts. During PCI burst operations, the
S5320 is capable of transferring data at the full PCI
bandwidth. Should slower Add-On logic be imple-
mented, the S5320 will issue a PCI bus retry until the
requested transfer is completed.
Figure 3. Mailbox Block Diagram
Mailbox
Byte0
Mailbox
Byte1
Mailbox
Byte2
Mailbox
Byte3
MailboxStatus
Register
Mailbox
Byte0
Mailbox
Byte1
Mailbox
Byte2
Mailbox
Byte3
32
88
8
88
8
Add-On
Decode
Control
32
PCI
Decode
Control
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com