Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 34 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 34 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 34Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 35Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 36Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 38Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
34
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Bit
Description
15
Detected Parity Error. This bit is set whenever the S5320 detects a parity error. It is set independent of the state
of Command Register Bit 6. The bit is cleared by writing a 1.
14
Signaled System Error. This bit is set whenever the S5320 generates the SERR# signal. This bit can be reset by
writing a 1.
13
Received Master Abort. Bus master devices set this bit to indicate a bus master transaction has been termi-
nated due to a master abort. The S5320 is a target device and hardwires this to 0.
12
Received Target Abort. This bit is set by a bus master when its transaction is terminated by a target abort from
the currently addressed target device. This bit is required for bus masters and is hardwired to 0 in the S5320.
11
Signaled Target Abort. This bit is set the target device whenever it terminates a transaction with a target abort.
The S5320 does not issue target aborts and hardwires this bit to 0.
10:9
Device Select Timing. These bits are read-only and define the DEVSEL# timing for a target device. The S5320
is a medium PCI device.
8
Data Parity Reported. Only implemented by bus mastering devices to notify a parity error has been detected.
This is not applicable to the S5320 and is hardwired to 0.
7
Fast Back-to-back Capable. This read-only bit indicates if a target device supports fast back-to-back transac-
tions. The S5320 supports this feature and hardwires the bit to 1.
6
UDF Supported. 1 = device supports user-definable features. 0 = device does not support user- definable fea-
tures. The S5320 implements definable memory regions and hardwires this bit to 0.
5
66 MHz Capable. 1 = device is capable of running at 66 MHz. 0 = device is capable of running at 33 MHz. This
bit is hardwired to 0.
4:0
Reserved. Hardwired to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com