Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 28 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 28 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 24Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 32Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
28
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
31
DEVICE ID
24 23
16 15
8 7
00
04
08
0C
10
14
18
1C
20
24
28
2C
30
34
38
3C
00
VENDOR ID
RESERVED = 0's
REV ID
CACHE LINE SIZE
LATENCY TIMER
BASE ADDRESS REGISTER #0
BASE ADDRESS REGISTER #1
BASE ADDRESS REGISTER #2
BASE ADDRESS REGISTER #3
BASE ADDRESS REGISTER #4
BASE ADDRESS REGISTER #5
HEADER TYPE
BIST
INTERRUPT LINE
INTERRUPT PIN
MIN_GNT
MAX_LAT
STATUS
SUBSYSTEM ID
EXPANSION ROM BASE ADDRESS
RESERVED = 0's
RESERVED = 0's
SUBSYSTEM VENDOR ID
CLASS CODE
COMMAND
LEGEND
Note:
Some registers are a combination of the above. See individual sections
for full description.
EPROM IS DATA SOURCE (READ ONLY)
CONTROL FUNCTION
EPROM INITIALIZED RAM (CAN BE ALTERED FROM PCI PORT)
EPROM INITIALIZED RAM (CAN BE ALTERED FROM ADD-ON PORT)
HARD-WIRED TO ZEROES
PCI Configuration Space Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com