Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 96 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 96 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 92Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
S5320 – PCI Match Maker: PCI Bus Protocol
96
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 50. Engaging the LOCK# Signal
Targets selected with LOCK# deasserted during the
assertion of FRAME# (clock period 1 of Figure 50),
which encounter the assertion of LOCK# during the
following clock (clock period 2 of Figure 50) are there-
after considered “locked.” A target, once locked,
requires that subsequent accesses to it deassert
LOCK# while FRAME# is asserted. Figure 51 shows a
subsequent access to a locked target by the master
which locked it. Because LOCK# is owned by a single
master, only that master is able to deassert it at the
beginning of a transaction (assuming successful
access to the locked target). A locked target can only
be unlocked during the clock period following the last
data transfer of a transaction when the LOCK# signal
is deasserted.
An unlocked target ignores LOCK# when it observes
that LOCK# is already asserted during the first clock
period of a transaction. This allows other masters to
access other (unlocked) targets. If an access to a
locked target is attempted by a master other than the
one that locked it, the target responds with a retry
request, as shown in Figure 52.
The S5320 responds to and supports bus masters
which lock it as a target.
Table 42. Target Termination Type
Termination
DEVSEL#
STOP#
TRDY#
Comment
Disconnect
on
on
on
Data is transferred. Transaction needs to be re-initiated to complete.
Retry
on
on
off
Data was not transferred. Transaction should be tried later.
Abort
off
on
off
Data was not transferred. Fatal error.
FRAME#
AD[31:0]
IRDY#
TRDY#
DEVSEL#
1
2
3
4
5
PCLK
Address
Data
(I)
(T
)
(I) Driven by Initiator
(T) Driven by Target
LOCK#
(I)
(I)
(T)
(T)
LOCK MECHANISM
AVAILABLE
LOCK
ESTABLISHED
BUS
IDLE
LOCK
MAINTAINED
TARGET
BECOMES
LOCKED
LOCK
MECHANISM
AVAI LABLE
UPON FIRST
ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com