Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 62 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 62 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 65Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 66Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
62
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
PCI Mailbox Empty/full Status Register (MBEF)
This register provides empty/full visibility for each byte
within the mailboxes. The empty/full status for the PCI
Outgoing mailbox is displayed on bits 15 to 12 and the
empty/full status for the PCI Incoming mailbox is pre-
sented on bits 31 to 28. A value of 1 signifies that a
given mailbox has been written by one bus interface
but has not yet been read by the corresponding desti-
nation interface. The PCI bus incoming mailbox
transfers data from the Add-On bus to the PCI bus,
and the PCI outgoing mailbox transfers data from the
PCI bus to the Add-On bus. This register is also
referred to as the Add-On Mailbox Empty/Full Status
Register (AMBEF).
Figure 27. Mailbox Empty/Full Status Register (MBEF)
Register Name:
Mailbox Empty/Full Status
PCI Address Offset:
34h
Power-up value:
00000000h
PCI Attribute:
Read Only
Size:
32 bits
Table 29. Mailbox Empty/Full Status Register
Bit
Description
31:28
PCI Incoming Mailbox Status. This field indicates which byte of the incoming mailbox register has been written
by the Add-On interface but has not been read by the PCI bus. Each bit location corresponds to a specific byte
within the incoming mailbox. A value of one for each bit signifies that the specified mailbox byte is full, and a
value of 0 signifies empty. The mapping of these status bits to bytes within the mailbox is as follows:
Bit 31 = Incoming mailbox byte 3
Bit 30 = Incoming mailbox byte 2
Bit 29 = Incoming mailbox byte 1
Bit 28 = Incoming mailbox byte 0
15:12
PCI Outgoing Mailbox Status. This field indicates which byte of the outgoing mailbox register has been written
by the PCI bus interface but has not yet been read by the Add-On bus. Each bit location corresponds to a spe-
cific byte within the outgoing mailbox. A value of one for each bit signifies that the specified mailbox byte is full,
and a value of 0 signifies empty. The mapping of these status bits to bytes is as follows:
Bit 15 = Outgoing mailbox byte 3
Bit 14 = Outgoing mailbox byte 2
Bit 13 = Outgoing mailbox byte 1
Bit 12 = Outgoing mailbox byte 0
0
Reserved
PCI Outgoing
Mailbox Status (RO)
0000
0000
11
12
15
16
27
28
31
PCI Incoming
Mailbox Status (RO)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com