Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 71 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 74Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
S5320 – PCI Match Maker: Operation Registers
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
71
Data Sheet
Add-On Mailbox Empty/full Status Register
(AMBEF)
This register provides empty/full visibility for each byte
within the mailboxes. The empty/full status for the
Add-On Incoming mailbox is displayed on bits 15 to 12
and the empty/full status for the Add-On Out-going
mailbox is presented on bits 31 to 28. A value of 1 sig-
nifies that a given mailbox has been written by one bus
interface but has not yet been read by the correspond-
ing destination interface. The Add-On bus incoming
mailbox is used to transfer data from the PCI bus to
the Add-On bus, and the Add-On outgoing mailbox is
used to transfer data from the Add-On bus to the PCI
bus. This register is also referred to as the PCI Mail-
box Empty/Full Status Register (MBEF).
Figure 31. Mailbox Empty/Full Status Register
Register Name:
Mailbox Empty/Full Status
Add-On Address:
34h
Power-up value:
00000000h
Add-On Attribute:
Read Only
Size:
32 bits
0
31
Add-On Incoming Mailbox Status
(RO)
0000
16
15
12
11
0000
27
28
Reserved
Reserved
Add-On Outgoing Mailbox Status
(RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com