Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 160 page
background image
S5320 – PCI Match Maker
14
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
LIST OF TABLES
Table 38. Valid External Boot Memory Contents ................................................................................................... 80
Table 39. PC Compatible Expansion ROM ............................................................................................................ 87
Table 40. PCI Data Structure ................................................................................................................................. 89
Table 41. PCI Bus Commands .............................................................................................................................. 92
Table 42. Target Termination Type ........................................................................................................................ 96
Table 43. Byte Lane Steering for PCI Write (Add-On Read) ................................................................................ 125
Table 44. Byte Lane Steering for PCI Read (Add-On Write) ................................................................................ 125
Table 45. Showing Big Endian Conversion for 32-bit .......................................................................................... 129
Table 46. Big Endian conversion for a 16-bit bus. The S5320 drives D[15:0] only .............................................. 129
Table 47. Big Endian conversion for an 8-bit bus. The S5320 drives D[7:0] only ................................................ 129
Table 48. Absolute Maximum Stress Ratings ...................................................................................................... 141
Table 49. Recommended Operating Conditions .................................................................................................. 141
Table 50. PCI Signal DC Characteristics (VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs) ..................... 142
Table 51. Add-On Operating Characteristics (VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs) ............... 143
Table 52. Functional Operation Range
(VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for MIN) ................................... 144
Table 53. Add-On Timings, Functional Operation Range
(VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for MIN) ................................... 146
Table 54. Add-On Timings
Functional Operation Range (VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX,
0 pF load for MIN) .......................................................................................................................................... 150
Table 55. Mailbox Timings
Functional Operation Range (VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs) ................................. 152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com