Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 103 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 103 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 105Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 107Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 160 page
background image
S5320 – PCI Match Maker: Mailbox Overview
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
103
Data Sheet
Add-On incoming and outgoing mailbox interrupts are
enabled/disabled in the Add-On Interrupt Control/Sta-
tus Register (AINT). The mailboxes can generate the
Add-On IRQ# interrupt under two conditions (individu-
ally enabled). For an incoming mailbox full interrupt,
IRQ# is asserted on the rising edge of the Add-On
clock after the PCI mailbox write completes. For an
outgoing mailbox empty interrupt, IRQ# is asserted on
the rising edge of the Add-On clock after the PCI mail-
box read completes. IRQ# is deasserted one Add-On
clock cycle after the mailbox interrupt is serviced (by
writing a 1 to the proper interrupt source bit).
8-Bit and 16-Bit Add-On Interfaces
Some Add-On designs may implement an 8-bit or 16-
bit bus interface. The mailboxes do not require a 32-bit
Add-On interface for all the bytes to be read/written.
For 8-bit interfaces, the 8-bit data bus may be exter-
nally connected to all 4 bytes of the 32-bit Add-On
interface (DQ 31:24, 23:16, 15:8, 7:0 are all con-
nected). The Add-On device reading or writing the
mailbox registers may access all mailbox bytes by
cycling through the Add-On byte enable inputs (only
one byte enable may be active at a time). A similar
solution applies to 16-bit Add-On buses. This solution
works for Add-On designs which always use just one
bus width (8-bit or 16-bit).
If the DQMODE pin is high, indicating a 16-bit Add-On
interface, the previous solution may be used to imple-
ment an 8-bit interface. The only modification needed
is that BE3(= ADR1) must be toggled after the first two
accesses to steer the S5320 internal data bus to
access the upper 16 bits of the mailboxes.
CONFIGURATION
The PCI interface and the Add-On interface each have
one incoming mailbox (IMB or AIMB) and one outgo-
ing mailbox (OMB or AOMB) along with a single
mailbox status register (MBEF or AMBEF). The outgo-
ing mailbox is read/write, the incoming mailbox and
the mailbox status registers are read-only.
The following sections discuss the registers associ-
ated with the mailboxes and accesses required for
different modes of mailbox operation.
Mailbox Status
Every byte in each mailbox has a status bit in the Mail-
box Empty/Full Status Registers (MBEF and AMBEF).
Writing a particular byte into the outgoing mailbox sets
the corresponding status bit in both the MBEF and
AMBEF registers. A read of a ‘full’ byte in a mailbox
clears the status bit. The MBEF and AMBEF are read-
only. Status bits cannot be cleared by writes to the sta-
tus registers.
The S5320 allows the mailbox status bits to be reset
through software. The PCI Bus Reset Control PCI
Operation Register (RCR) and the Add-On Reset Con-
trol Add-On Operation Register (ARCR) each have a
bit to reset mailbox status. Writing a 1 to Mailbox Flag
Reset bit in the RCR or the ARCR register immedi-
ately clears all bits in the both the MBEF and AMBEF
registers. Writing a 0 has no effect. The Mailbox Flag
Reset bit is write-only.
The flag bits should be monitored when transferring
data through the mailboxes. Checking the mailbox sta-
tus before performing an operation prevents data from
being lost or corrupted. The following sequences are
suggested for PCI mailbox operations using status
polling (interrupts disabled).
Figure 56. Input/Output Mode (MDMODE=0)
Figure 57. Input Mode (MDMODE=1)
ADCLK
LOAD#
MD[0:7]
Turn
Around
WRITE
DATA
Turn
Around
S5320
Driving
S5320
Driving
ADCLK
LOAD#
MD[0:7]
WRITE
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com