Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 104 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 104 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 105Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 108Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
S5320 – PCI Match Maker: Mailbox Overview
104
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Reading the PCI Incoming Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if any information has been passed from
the Add-On interface.
2. Read Mailbox. Read the mailbox bytes which MBEF indicates are full. This automatically resets the status bits
in the MBEF and AMBEF registers.
Writing the PCI Outgoing Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if information previously written to the
mailbox has been read by the Add-On interface. Writes to full mailbox bytes overwrite data currently in the
mailbox (if not already read by the Add-On interface). Repeat until the byte(s) to be written are empty.
2. Write Mailbox. Write to the outgoing mailbox byte(s).
Mailbox operations for the Add-On interface are functionally identical. The following sequences are suggested for
Add-On mailbox operations using status polling (interrupts disabled):
Reading an Add-On Incoming Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if any information has been passed from
the PCI interface.
2. Read Mailbox. Read the mailbox bytes which AMBEF indicates are full. This automatically resets the status
bits in the AMBEF and MBEF registers.
Writing an Add-On Outgoing Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if information previously written to the
mailbox has been read by the PCI interface. Writes to full mailbox bytes overwrite data currently in the mailbox
(if not already read by the PCI interface). Repeat until the byte(s) to be written are empty.
2. Write Mailbox. Write to the outgoing mailbox byte(s).
MBEF
Bits 31:28
If a bit is set, valid data is contained in the corresponding mailbox byte.
IMB
Bits 31:0
Mailbox data.
MBEF
Bits 15:12
If a bit is set, valid data is contained in the corresponding mailbox byte
and has not been read by the Add-On.
OMB
Bits 31:0
Mailbox data.
AMBEF
Bits 15:12
If a bit is set, valid data is contained in the corresponding mailbox byte.
AIMB
Bits 31:0
Mailbox data.
AMBEF
Bits 31:28
If a bit is set, valid data is contained in corresponding mailbox byte and
has not been read by the PCI bus.
AOMB
Bits 31:0
Mailbox data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com