Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 215 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 215 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors MPC821 Datasheet HTML 215Page - NXP Semiconductors MPC821 Datasheet HTML 216Page - NXP Semiconductors MPC821 Datasheet HTML 217Page - NXP Semiconductors MPC821 Datasheet HTML 218Page - NXP Semiconductors MPC821 Datasheet HTML 219Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
39
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
76
PB18
I/O, X
MPC PI/O port B 18. Appears also at P8 but otherwise unused.
77
E_TENA
I/O, H
Ethernet port Transmit Enable. Connected to the SCC’s RTS~
signal. When active, transmit is enabled via the MC68160 EEST.
When the ethernet port is disabled via BCSR1, may be used off-
board for any alternate function.
78
GND
79
N.C.
80
81
82
ETHEN~
O, L
Ethernet Port Enable. Connected to BCSR1. See
TABLE 4-10.
“BCSR1 Description” on page 49. In the motherboard
documentations.
83
N.C.
84
IRD_EN~
O, L
Infra-Red Enable. Connected to BCSR1. See
TABLE 4-10.
“BCSR1 Description” on page 49.In the motherboard
documentations.
85
PA1
I/O, X
MPC PI/O port A 1. Appears also at P8 but otherwise unused.
86
GND
87
88
N.C.
89
PA0
I/O, X
MPC PI/O port A 0. Appears also at P8 but otherwise unused.
90
GND
91
92
TMS
I/O, X
JTAG port Test Mode Select input. Used to select test through the
JTAG port. Pulled-up but otherwise not used on the FADS.
93
PB16
I/O, X
MPC PI/O port B 16. Appears also at P8 but otherwise unused.
94
TRST~
O, L
JTAG port Reset. Pulled down with a zero ohm resistor, so that
the JTAG logic is constantly reset. Otherwise unused on the
FADS.
95
PB15
I/O, X
MPC PI/O port B 15. Appears also at P8 but otherwise unused.
96
RS_EN1~
O, L
RS232 port 1 Enable. Connected to BCSR1. See
TABLE 4-10.
“BCSR1 Description” on page 49. In the motherboard
documentations.
97
PB14
I/O, X
MPC PI/O port B 14. Appears also at P8 but otherwise unused.
98
PC4
I/O, X
MPC PI/O port C 4. Appears also at P8 but otherwise unused.
99
PC5
I/O, X
MPC PI/O port C 5. Appears also at P8 but otherwise unused.
100
PC6
I/O, X
MPC PI/O port C 6. Appears also at P8 but otherwise unused.
101
GND
TABLE 5-11. PM3 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com