Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 212 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 212 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 208Page - NXP Semiconductors MPC821 Datasheet HTML 209Page - NXP Semiconductors MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors MPC821 Datasheet HTML 215Page - NXP Semiconductors MPC821 Datasheet HTML 216Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 242 page
background image
Support Information
36
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
TABLE 5-11. PM3 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
ETHRX
O, X
Ethernet port Receive Data. When the ethernet port is disabled
via BCSR1 - tri-stated. Appears also at P8.
2
GND
3
4
UUFEN~
O, L
When this signal is active (LOW) it enable the LXT970 device.
This signal connected to the TRSTE signal of the LXT970.
In DTE mode when this pin is high the LXT970 isolate it self from
the MII data interface. In repeater mode when it is high the
LXT970 tree state the MII output pins.
5
ETHTX
I, X
Ethernet Port Transmit Data. Appears also at P8.
6
GND
7
8
PC9
X, X
MPC’s PI/O C 9 pin. Appears also at P8 but otherwise unused on
the FADS.
9
IRDRXD
O, X
InfraRed Port Receive Data. When the I/R port is disabled via
BCSR1 - tri-stated. Appears also at P8.
10
GND
11
IRDTXD
I, X
InfraRed Port Transmit Data. Appears also at P8.
12
GND
13
14
PC8
I/O, X
MPC PI/O port C 8. Appears also at P8 but otherwise unused.
15
PA11
I/O, X
MPC PI/O port A 11. Appears also at P8 but otherwise unused.
16
GND
17
PA10
I/O, X
MPC PI/O port A 10. Appears also at P8 but otherwise unused.
18
GND
19
20
PC7
I/O, X
MPC PI/O port C 7. Appears also at P8 but otherwise unused.
21
PA9
I/O, X
MPC PI/O port A 9. Appears also at P8 but otherwise unused.
22
GND
23
PA8
I/O, X
MPC PI/O port A 9. Appears also at P8 but otherwise unused.
24
GND
25
26
PC13
I/O, X
MPC PI/O port C 13. Appears also at P8 but otherwise unused.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com