Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 209 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 209 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 205Page - NXP Semiconductors MPC821 Datasheet HTML 206Page - NXP Semiconductors MPC821 Datasheet HTML 207Page - NXP Semiconductors MPC821 Datasheet HTML 208Page - NXP Semiconductors MPC821 Datasheet HTML 209Page - NXP Semiconductors MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
33
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
95
GND
96
BVS1
O,X
Buffered PCMCIA slot A Voltage Sense 1. In fact IP_A0. Used in
conjunction with BVS2 to determine the operation voltage of a
PCMCIA card. In case of MPC823 or MPC850 daughter boards,
connected to IP_B0 signal of the MPC.
97
GND
98
BRDY
O, H
Buffered PCMCIA slot A Ready signal. In fact IP_A7. Used as
PCMCIA port A Card Ready indication. In case of MPC823 or
MPC850 daughter boards, connected to IP_B7 signal of the
MPC.
99
GND
100
101
102
DP3
I/O, X
DP3/IRQ6~. Data Parity line 3 or Interrupt Request 6. May
generate and receive parity data for D(24:31) bits connected to
the DRAM SIMM. May also be configured as IRQ6~ input for the
MPC.
103
GND
104
BVS2
O, X
Buffered PCMCIA slot A Voltage Sense 2. In fact IP_A1. Used in
conjunction with BVS1 to determine the operation voltage of a
PCMCIA card. In case of MPC823 or MPC850 daughter boards,
connected to IP_B1 signal of the MPC.
105
GND
106
BCD1~
O, L
Buffered PCMCIA slot A Card Detect 1. In fact IP_A4. Input Port 4
of PCMCIA slot A. Used as Card Detect indication in conjunction
with BCD2~. In case of MPC823 or MPC850 daughter boards,
connected to IP_B4 signal of the MPC.
107
GND
108
MODIN
O, X
This signal selects between clock generator and the 32768 Hz
crystal as clock sources for the MPC. Its is driven by DS2/4. See
2•3•2 “Clock Source Selection “on page 7. In the
motherboard documentations.
109
GND
110
BBVD1
O, X
Buffered PCMCIA slot A Battery Voltage Detect 1. In fact IP_A6.
Used in conjunction with BBVD2 to determine the battery status
of a PC-Card. In case of MPC823 or MPC850 daughter boards,
connected to IP_B6 signal of the MPC.
111
GND
112
BCD2~
O, L
Buffered PCMCIA slot A Card Detect 2. In fact IP_A3. Input Port 3
of PCMCIA slot A. Used as Card Detect indication in conjunction
with BCD1~. In case of MPC823 or MPC850 daughter boards,
connected to IP_B3 signal of the MPC.
113
GND
TABLE 5-10. PM2 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com